Part Number Hot Search : 
74LS04 HMT31 SC547 GBPC1510 AVR32918 T10A60L LP105 160124M2
Product Description
Full Text Search
 

To Download SN-24D01HZ-CRT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  n ordering information sn C a 100 bf [example] (a) (b) (c) (a) series name sn : sn series (b) input voltage a: ac type d: dc type (c) nominal voltage 100 bf: 100 vac 200 bf: 200 vac 12/24 b: 12/24 vdc n features l i/o modules for interface between cpu and external input devices or loads l ultra slim and light weight, sil terminals type i/o modules for high density mounting size: 5 (w) 20 (l) 17 (h) mm weight: approximately 3.0 to 3.5 g l high isolation by employing photo-coupled devices (between input and output: 2,500 v rms) l long life and maintenance free l all solid state i/o module l compatible with ny relay size and terminals arrangement (only output module type) l rohs compliant since date code: 6703 (except 204-207) please see page 9 for more information sn series solid state relay (i/o module) maximum load current 1 a 1 l input module rohs compliant
2 sn series (a) series name sn : sn series 3: 3 vdc (only ac type) (b) nominal voltage (input side) 5: 5 vdc 12: 12 vdc 24: 24 vdc (c) load voltage a: ac type d: dc type (d) load current 01 : 1 a (e) kinds of inverse connection ac type nil : with varistor protecting element nv: without varistor dc type nil : diode hz: zener diode ( f ) zero cross function (ac type) f : without zero cross function c : with zero cross function ( g) output polarity (dc type) nil : standard polarity r : reverse polarity ( h) switching speed (dc type) nil : standard t : high speed type n specifications ? input module (sn-( ) b type) sn C 12 d 01 hz C c r t [example] (a) (b) (c) (d) (e) ( f ) (g) (h) l output module item ac input module dc input module 100 vac type 200 vac type 12/24 vdc type input side input voltage range 80 to 132 vrms 160to 265 vrms 9.6 to 28.8 vdc rating input current approximately 7 marms approx. 5 ma at 12 vdc approx. 10 ma at 24 vdc power frequency range 47 to 63 hz - - must operate voltage (max.) 80 vrms 160 vrms 9.6 vdc must release voltage (max.) 30 vrms 60 vrms 5.0 vdc must release current (max.) 2 marms 1.5 ma output side dc supply voltage (vdd) 4 to 6 vdc max. output current (vdd=5v) 4 ma 0.4 ma output logic operate with negative true logic (active fow) maximum operate time (max.) 25 ms 10ms maximum release time (max.) 30 ms 10ms insulation resistance (initial value) minimum 1,000 m? (at 500vdc) (for input-output) dielectric strength 2,500 vrms 1 minute (for input-output) operating temperature range (no frost) -30oc to +85oc storage temperature range (no frost) -40oc to +100oc case color yellow white weight approximately 2.0 g approximately 3.3 g
3 sn series item ac output module dc output module remarks input nominal voltage (dc) 3 v, 5 v, 12 v, 24 v 5 v, 12 v, 24 v side operate voltage range 20% of nominal voltage must operate voltage max.80% of nominal voltage must release voltage minimum 1 vdc (minimum 0.5 v*) *3 vdc type 3 vdc type 130 ? 180 ? 5 vdc type 330 ? 470 ? 390 ? input impedance (10%) 12 vdc type 1,0k ? 1,5k ? 1,2k ? 24 vdc type 2,2k ? 3,0k ? 2.4k ? output load voltage range 24 to 265 vrms 3 to 30 vdc side maximum load current 1.0 arms 1.0 a see characteristic data minimum load current 10 marms 1 ma switching current 50 a (60 hz) 3 a (10 ms) max. off-state leakage current 1.5 marms (at 100 vrms 60 hz) 0.1 ma (at 30 vdc) 3.0 marms (at 200 vrms 60 hz) max. on-state voltage drop 1.2 vrms 1.2 v at max. load current maximum operate time (max.) 1 ms 1 ms maximum release time 1/2 cycle + 1ms 1 ms insulation resistance minimum 1,000 m ? (at 500 vdc) for input-output dielectric strength 2,500 vrms 1 minute operating temperature range C30c to + 85c no storage temperature range C40c to +100c frost case color black red weight approximately 3.5 g approximately 2.9 g ? output module standard type with zero cross without zero cross 1/2 cycle 1 ms
4 sn series item ac output module remarks input nominal voltage (dc) 5 v, 12 v, 24 v side operate voltage range 20% of nominal voltage must operate voltage 80% of nominal voltage must release voltage minimum 1 v 5 vdc type 330 ? 10% input impedance 12 vdc type 1,0 k ? 10% 24 vdc type 2,0 k ? 10% output load voltage dc3 to 30v side maximum load current 1.0 a see characteristic data minimum load current 1 ma switching current 3 a (10 ms) max. off-state leakage current 0.1 ma (at 30 vdc) max. on-state voltage drop 1.2 v maximum operate time max. 5 s maximum release time max. 25 s insulation resistance minimum 1,000 m ? (at 500 vdc) for input-output dielectric strength 2,500 v rms 1 minute operating temperature range C40c to + 100c storage temperature range C30c to + 85c case color red weight approximately 2.9 g at dc 5 v 0.1a ? output module high speed switching type at max. load current
5 sn series 3 v dd 4 out 5 gnd 1(~) input terminal photo-transistor coupler input circuit buffer circuit ac imput circuit condenser input input terminal 3 v dd 4 out 5 gnd 2(~) 1 (+/?) 2 (+/?) ( ) buffer circuit output terminal output terminal photo-transistor coupler n block diagram ? input module ? output module load insulation circuits input/output waveform (resistive load) photo-transistor coupler dc logic output photo-transistor coupler load insulationcircuits input/output waveform (resistive load) ac photo-triac coupler dc photo-transistor coupler n characteristic data ? output module on off ?h? ?l? input signal output signal ?h? ?l? on off input signal output signal 3+ input terminal input circuit photo-triac coupler photo-transistor coupler input circuit 4? 3+ input terminal output terminal output terminal 4? trigger circuit drive circuit snubber circuit varistor output transistor inverse connection protecting diode 1 2 ~ ~ +1 ?2 on off source voltage of load input signal load current on off input signal load current * ac type without varistor / dc type with zenor diode available.
6 sn series n reference data l input module l output module distribution of operate & release voltage (ac type) high temperature switching test (ac type) high temperature continuous operating test (ac type) distribution of operate & release voltage (ac type) distribution of operate & release voltage (dc type) distribution of on-state voltage drop (ac type)
7 sn series n dimensions l dimensions l schematics (bottom view) l pc board mounting hole layout (bottom view) sn-a ( ) type (input module) sn-d ( ) type (input module) sn-a ( ) type (output module) sn-( ) d, ( )d ( ) r type (output module) dotted line : socket mounting sn-( )a-s type dotted line : socket mounting sn-( )d-s type unit: mm * reverse polarity type available
8 sn series n socket dimensions n notes 1. polarity of terminals is pre-determined. please design your circuit accordingly. 2. socket ordering code: jl-5n 3. standard ic socket is not recommended. please use socket jl-5n. 4. when switching inductive load by ac output module without varistor, please connect a varistor as shown in drawing below. 5. ac input module has inside logic ic. please connect bypass condenser (approx. 0.01) at pivotal points between vdd and gnd. (conform to general handling instructions for logic ic.) n socket pc board mounting hole layout unit: mm
9 sn series 1. general information l relays produced after the specifc date code that is indicated on each data sheet are lead-free now. most of our signal and power relays are lead-free. please refer to lead-free status info. (http://www.fujitsu.com/us/downloads/micro/fcai/relays/lead-free-letter.pdf) l lead free solder paste currently used in relays is sn-3.0ag-0.5cu. l all signal and most power relays also comply with rohs. please refer to individual data sheets. relays that are rohs compliant do not contain the 5 hazardous materials that are restricted by rohs directive (lead, mercury, chromium iv, pbb, pbde). l it has been verifed that using lead-free relays in leaded assembly process will not cause any problems (compatible). l lf is marked on each outer and inner carton. (no marking on individual relays). l to avoid leaded relays (for lead-free sample, etc.) please consult with area sales offce. l we will ship leaded relays as long as the leaded relay inventory exists. note: cadmium was exempted from rohs on october 21, 2005. (amendment to directive 2002/95/ec) 2. recommended lead free solder profle l recommended solder paste sn-3.0ag-0.5cu. rohs compliance and lead free relay information refow solder condtion 3. moisture sensitivity l moisture sensitivity level standard is not applicable to electromechanical realys. 4. tin whisker l dipped snagcu solder is known as low risk tin whisker. no considerable length whisker was found by our in house test. we highly recommend that you confrm your actual solder conditions flow solder condtion: pre-heating: maximum 120?c soldering: dip within 5 sec. at 260?c soler bath solder by soldering iron: soldering iron temperature: maximum 360?c duration: maximum 3 sec.
10 sn series japan fujitsu component limited gotanda-chuo building 3-5, higashigotanda 2-chome, shinagawa-ku tokyo 141 8630, japan tel: (81-3) 5449-7010 fax: (81-3) 5449-2626 email: promothq@fcl.fujitsu.com web: www.fcl.fujitsu.com north and south america fujitsu components america, inc. 250 e. caribbean drive sunnyvale, ca 94089 u.s.a. tel: (1-408) 745-4900 fax: (1-408) 745-4970 email: components@us.fujitsu.com web: http://www.fujitsu.com/us/services/edevices/components/ europe fujitsu components europe b.v. diamantlaan 25 2132 wv hoofddorp netherlands tel: (31-23) 5560910 fax: (31-23) 5560950 email: info@fceu.fujitsu.com web: emea.fujitsu.com/components/ asia pacifc fujitsu components asia ltd. 102e pasir panjang road #01-01 citilink warehouse complex singapore 118529 tel: (65) 6375-8560 fax: (65) 6273-3021 email: fcal@fcal.fujitsu.com web: http://www.fujitsu.com/sg/services/micro/components/ fujitsu components international headquarter offces ?2006 fujitsu components america, inc. all rights reserved. all trademarks or registered trademarks are the property of their respective owners. fujitsu components america or its affliates do not warrant that the content of datasheet is error free. in a continuing effort to improve our products fujitsu components america, inc. or its affliates reserve the right to change specifcations/datasheets without prior notice. rev. october 06/2006


▲Up To Search▲   

 
Price & Availability of SN-24D01HZ-CRT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X